Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYZ50A22 Datasheet (PDF) - Diotec Semiconductor

BYZ50A22 Datasheet PDF - Diotec Semiconductor
Part # BYZ50A22
Download  BYZ50A22 Download
File Size   163.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Protectifiers with TVS characteristics High-temperature diodes

BYZ50A22 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYZ50A22 Datasheet PDF - Diotec Semiconductor

Part # BYZ50A22
Download  BYZ50A22 Click to download

File Size   163.25 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Protectifiers with TVS characteristics High-temperature diodes

BYZ50A22 Datasheet (HTML) - Diotec Semiconductor


BYZ50A22 Product details

Silicon Protectifiers with TVS characteristics High-temperature diodes

• Nominal current                                     50 A
• Nominal breakdown voltage   19.8 ... 51.7 V
• Metal press-fit case with plastic cover
• Weight approx.                                      10 g
• Casting compound has UL classification 94V-0
• Standard packaging: bulk




Similar Part No. - BYZ50A22

ManufacturerPart #DatasheetDescription
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
206Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
72Kb / 2P
Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
210Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
118Kb / 2P
Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22 Datasheet
108Kb / 2P
High Temperature Diodes
More results


Similar Description - BYZ50A22

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22 Datasheet
152Kb / 2P
Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Semikron International
BYZ50A22 SEMIKRON-BYZ50A22 Datasheet
206Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ35A22 SEMIKRON-BYZ35A22 Datasheet
206Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ50A22 DIOTEC-BYZ50A22_07 Datasheet
72Kb / 2P
Silicon-Protectifiers with TVS characteristic -High Temperature Diodes
BYZ35A22 DIOTEC-BYZ35A22_07 Datasheet
72Kb / 2P
Silicon-Protectifiers with TVS characteristic - High Temperature Diodes
logo
Semikron International
BYZ35A22 SEMIKRON-BYZ35A22_06 Datasheet
210Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
BYZ50A22 SEMIKRON-BYZ50A22_06 Datasheet
210Kb / 1P
Silicon Protectifiers with TVS characteristics High-temperature diodes
logo
Diotec Semiconductor
BYZ35A22 DIOTEC-BYZ35A22_09 Datasheet
118Kb / 2P
Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
BYZ50A22 DIOTEC-BYZ50A22_09 Datasheet
118Kb / 2P
Silicon-Protectifiers with TVS characteristic ??High Temperature Diodes
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
Silicon Protectifiers with TVS characteristic - Button Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com