Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAN601 Datasheet (PDF) - Diotec Semiconductor

DAN601 Datasheet PDF - Diotec Semiconductor
Part # DAN601
Download  DAN601 Download
File Size   135.11 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Small Signal Diode Arrays

DAN601 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAN601 Datasheet PDF - Diotec Semiconductor

Part # DAN601
Download  DAN601 Click to download

File Size   135.11 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Small Signal Diode Arrays

DAN601 Datasheet (HTML) - Diotec Semiconductor


DAN601 Product details

Small Signal Diode Arrays

• Nominal power dissipation                  200 mW
• Repetitive peak reverse voltage               80 V
• 7-pin Plastic case              18 x 3.5 x 6.6 [mm]
• Weight approx.                                        0.6 g
• Standard packaging bulk




Similar Part No. - DAN601

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN601 DIOTEC-DAN601 Datasheet
122Kb / 2P
Small Signal Diode Arrays
logo
New Jersey Semi-Conduct...
DAN601 NJSEMI-DAN601 Datasheet
30Kb / 1P
SIP NETWORKS
DAN601 NJSEMI-DAN601 Datasheet
418Kb / 1P
SIP NETWORKS
DAN601 NJSEMI-DAN601 Datasheet
446Kb / 1P
DAN & DAP Networks
logo
Diotec Semiconductor
DAN601 DIOTEC-DAN601_08 Datasheet
122Kb / 2P
Small Signal Diode Arrays
More results


Similar Description - DAN601

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DAN401 DIOTEC-DAN401 Datasheet
132Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403 Datasheet
144Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801 Datasheet
138Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803 Datasheet
137Kb / 2P
Small Signal Diode Arrays
DAN803 DIOTEC-DAN803_08 Datasheet
120Kb / 2P
Small Signal Diode Arrays
DAN401 DIOTEC-DAN401_08 Datasheet
110Kb / 2P
Small Signal Diode Arrays
DAN403 DIOTEC-DAN403_08 Datasheet
126Kb / 2P
Small Signal Diode Arrays
DAN601 DIOTEC-DAN601_08 Datasheet
122Kb / 2P
Small Signal Diode Arrays
DAN801 DIOTEC-DAN801_08 Datasheet
111Kb / 2P
Small Signal Diode Arrays
BAS16DW DIOTEC-BAS16DW_18 Datasheet
184Kb / 2P
SMD Small Signal Diode Arrays
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com