Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6760 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6760 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6760
Download  2N6760 Download
File Size   47.2 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description VGS Rated at 짹20V

2N6760 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6760 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6760
Download  2N6760 Click to download

File Size   47.2 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description VGS Rated at 짹20V

2N6760 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6760 Product details

DESCRIPTION
• VGS Rated at ±20V
• Silicon Gate for fast switching speeds
• IDSS 、RDS(ON) ,specified at elevated temperature
• Low drive reqirements

APPLICATIONS
    designed for high power ,high speed application ,such as switching applies,UPS,AC and DC motor controls , relay and high energy pulse circuits.




Similar Part No. - 2N6760

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N6760 FAIRCHILD-2N6760 Datasheet
138Kb / 5P
N-Channel Power MOSFETs, 5.5A, 350V/400V
logo
Microsemi Corporation
2N6760 MICROSEMI-2N6760 Datasheet
122Kb / 3P
N-CHANNEL MOSFET
logo
Seme LAB
2N6760 SEME-LAB-2N6760 Datasheet
96Kb / 3P
N-CHANNEL POWER MOSFET
logo
Microsemi Corporation
2N6760 MICROSEMI-2N6760 Datasheet
177Kb / 3P
N-CHANNEL MOSFET
2N6760_1006 MICROSEMI-2N6760_1006 Datasheet
177Kb / 3P
N-CHANNEL MOSFET
More results


Similar Description - 2N6760

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6767 ISC-2N6767 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6769 ISC-2N6769 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6757 ISC-2N6757 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6756 ISC-2N6756 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6765 ISC-2N6765 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6761 ISC-2N6761 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6759 ISC-2N6759 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6768 ISC-2N6768 Datasheet
47Kb / 2P
VGS Rated at 짹20V
2N6758 ISC-2N6758 Datasheet
47Kb / 2P
VGS Rated at 짹20V
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com