Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13007 Datasheet (PDF) - Nanjing International Group Co

13007 Datasheet PDF - Nanjing International Group Co
Part # 13007
Download  13007 Download
File Size   40.16 Kbytes
Page   1 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Plastic-Encapsulate Transistors

13007 Datasheet (PDF)

Go To PDF Page Download Datasheet
13007 Datasheet PDF - Nanjing International Group Co

Part # 13007
Download  13007 Click to download

File Size   40.16 Kbytes
Page   1 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description Plastic-Encapsulate Transistors

13007 Datasheet (HTML) - Nanjing International Group Co


13007 Product details

FEATURES
   Power dissipation
      PCM: 2 W (Tamb=25℃)
   Collector current
      ICM: 8 A
   Collector-base voltage
      V(BR)CBO: 700 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 13007

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
13007 ARIES-13007 Datasheet
667Kb / 1P
Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
logo
SEMTECH ELECTRONICS LTD...
13007 SEMTECH_ELEC-13007 Datasheet
128Kb / 2P
NPN Silicon Transistor
logo
Shenzhen Jingdao Electr...
13007 JINGDAO-13007 Datasheet
119Kb / 3P
Bipolar Junction Transistor
logo
CEE Norm UK Ltd
13007 CEENORM-13007 Datasheet
1Mb / 4P
Socket Outlets
logo
Molex Electronics Ltd.
1300700012 MOLEX11-1300700012 Datasheet
32Kb / 1P
Mini-Change Power Locking Clip, 33.02mm Diameter
More results


Similar Description - 13007

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com