Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ431 Datasheet (PDF) - Nanjing International Group Co

AZ431 Datasheet PDF - Nanjing International Group Co
Part # AZ431
Download  AZ431 Download
File Size   392.86 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description The output voltage can be adjusted to 36V

AZ431 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ431 Datasheet PDF - Nanjing International Group Co

Part # AZ431
Download  AZ431 Click to download

File Size   392.86 Kbytes
Page   4 Pages
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co
Description The output voltage can be adjusted to 36V

AZ431 Datasheet (HTML) - Nanjing International Group Co




Similar Part No. - AZ431

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431 BCDSEMI-AZ431 Datasheet
186Kb / 20P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Shanghai Leiditech Elec...
AZ431 LEIDITECH-AZ431 Datasheet
1Mb / 19P
Programmable Precise Output Voltage from 2.5V to 36V or 18V
logo
BCD Semiconductor Manuf...
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Diodes Incorporated
AZ431-A DIODES-AZ431-A Datasheet
448Kb / 21P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 5
AZ431-A DIODES-AZ431-A_18 Datasheet
565Kb / 19P
ADJUSTABLE PRECISION SHUNT REGULATORS
Rev 6
More results


Similar Description - AZ431

ManufacturerPart #DatasheetDescription
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
Zilog, Inc.
Z51F6412 ZILOG-Z51F6412 Datasheet
1Mb / 54P
Power supply level that can be adjusted with potentiometer R20
logo
Hotchip Technology Co.,...
TL431 HOTCHIP-TL431 Datasheet
706Kb / 6P
Programmable output voltage to 36V
logo
Shenzhen Huazhimei Semi...
HM8021A HMSEMI-HM8021A Datasheet
514Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
HM8022A HMSEMI-HM8022A Datasheet
455Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8022B HMSEMI-HM8022B Datasheet
573Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8023 HMSEMI-HM8023 Datasheet
471Kb / 8P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
HM8025 HMSEMI-HM8025 Datasheet
520Kb / 7P
The brightness of the light can be adjusted as needed, the range is wide, and the operation is simple and convenient.
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com