Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ-63516 Datasheet (PDF) - CUI INC

SJ-63516 Datasheet PDF - CUI INC
Part # SJ-63516
Download  SJ-63516 Download
File Size   42.84 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AUDIO JACK W/6 CONDUCTORS 3.5mm

SJ-63516 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ-63516 Datasheet PDF - CUI INC

Part # SJ-63516
Download  SJ-63516 Click to download

File Size   42.84 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description AUDIO JACK W/6 CONDUCTORS 3.5mm

SJ-63516 Datasheet (HTML) - CUI INC




Similar Part No. - SJ-63516

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SJ-63013G CUID-SJ-63013G Datasheet
333Kb / 3P
AUDIO JACK
08/11/2020
SJ-63023H CUID-SJ-63023H Datasheet
329Kb / 3P
AUDIO JACK
08/11/2020
SJ-63033A CUID-SJ-63033A Datasheet
311Kb / 3P
AUDIO JACK
08/17/2022
SJ-6304 CUID-SJ-6304 Datasheet
328Kb / 3P
AUDIO JACK
08/16/2022
SJ-63043F CUID-SJ-63043F Datasheet
328Kb / 3P
AUDIO JACK
08/16/2022
More results


Similar Description - SJ-63516

ManufacturerPart #DatasheetDescription
logo
CUI INC
MJ-3536 CUI-MJ-3536 Datasheet
263Kb / 2P
3.5MM AUDIO JACK
MJ-3536N CUI-MJ-3536N Datasheet
22Kb / 1P
3.5mm AUDIO JACK - MONO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-4252X-SMT CUI-SJ-4252X-SMT Datasheet
302Kb / 4P
SMT AUDIO JACK W/4 CONDUCTORS 2.5mm
SJ-42515RS CUI-SJ-42515RS Datasheet
78Kb / 1P
2.5mm AUDIO JACK w/4 Conductors
SJ-42516-SMT CUI-SJ-42516-SMT Datasheet
86Kb / 1P
SMT Audio jack w/4 Conductors 2.5mm
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com