Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBSS84LT Datasheet (PDF) - Leshan Radio Company

LBSS84LT Datasheet PDF - Leshan Radio Company
Part # LBSS84LT
Download  LBSS84LT Download
File Size   182.51 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Power MOSFET 130m Amps, 50 Volts (P-Channel SOT -23)

LBSS84LT Datasheet (PDF)

Go To PDF Page Download Datasheet
LBSS84LT Datasheet PDF - Leshan Radio Company

Part # LBSS84LT
Download  LBSS84LT Click to download

File Size   182.51 Kbytes
Page   4 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Power MOSFET 130m Amps, 50 Volts (P-Channel SOT -23)

LBSS84LT Datasheet (HTML) - Leshan Radio Company




Similar Part No. - LBSS84LT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBSS84LT1G LRC-LBSS84LT1G Datasheet
313Kb / 6P
Power MOSFET F30 mAmps, 50 Volts
logo
VBsemi Electronics Co.,...
LBSS84LT1G VBSEMI-LBSS84LT1G Datasheet
1Mb / 7P
P-Channel 60 V (D-S) MOSFET
logo
Leshan Radio Company
LBSS84LT1G LRC-LBSS84LT1G_15 Datasheet
145Kb / 4P
Power MOSFET 130 mAmps
LBSS84LT3G LRC-LBSS84LT3G Datasheet
313Kb / 6P
Power MOSFET F30 mAmps, 50 Volts
More results


Similar Description - LBSS84LT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGSF2N02E ONSEMI-MGSF2N02E Datasheet
54Kb / 6P
2.8 Amps, 20 Volts, N-Channel SOT-23
August, 2004 ??Rev. 2
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
MTP23P06V ONSEMI-MTP23P06V Datasheet
81Kb / 8P
Power MOSFET 23 Amps, 60 Volts
November, 2000 ??Rev. 2
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
BSS84LT1 ONSEMI-BSS84LT1_12 Datasheet
104Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10
March, 2012 ??Rev. 7
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
MTP23P06VG ONSEMI-MTP23P06VG Datasheet
74Kb / 7P
Power MOSFET 23 Amps, 60 Volts
June, 2006 ??Rev. 4
logo
Shanghai Leiditech Elec...
LBSS138LT1G LEIDITECH-LBSS138LT1G Datasheet
938Kb / 6P
Power MOSFET 200 mAmps, 50 Volts N?밅hannel SOT-23
logo
ON Semiconductor
BSS84L ONSEMI-BSS84L Datasheet
190Kb / 5P
MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
December, 2020 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com