Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12C Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SD12C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SD12C
Download  SD12C Download
File Size   125.51 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Set-top box and digital TV

SD12C Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD12C
Download  SD12C Click to download

File Size   125.51 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Set-top box and digital TV

SD12C Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SD12C Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 12V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±15kV
      Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SD12C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD12C SEMTECH-SD12C Datasheet
143Kb / 7P
Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Shanghai Semitech Semic...
SD12C SEMITECH-SD12C Datasheet
126Kb / 3P
Unidirectional Configurations
logo
Galaxy Semi-Conductor H...
SD12C BILIN-SD12C Datasheet
211Kb / 5P
Single Line TVS Diode for ESD
Rev.A 6100-4-2
logo
Thinki Semiconductor Co...
SD12C THINKISEMI-SD12C Datasheet
903Kb / 5P
350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD12C SKTECHNOLGY-SD12C Datasheet
709Kb / 3P
Bidirectional TVS Diodes
More results


Similar Description - SD12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
Apr-2004
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Silicon Laboratories
SI2144 SILABS-SI2144 Datasheet
105Kb / 2P
Worldwide Digital Set-Top Box Tuner
logo
Shanghai Leiditech Elec...
LCDA24C-8 LEIDITECH-LCDA24C-8 Datasheet
223Kb / 3P
Set-top box and digital TV
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
Set-top box and digital TV
SD15C LEIDITECH-SD15C Datasheet
132Kb / 3P
Set-top box and digital TV
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
Set-top box and digital TV
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
Digital Terrestrial Set-Top Box Tuner
August 9, 2021
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com