Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDA24C-8 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMDA24C-8 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMDA24C-8
Download  SMDA24C-8 Download
File Size   246.03 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description USB 2.0 power and data line

SMDA24C-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDA24C-8 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMDA24C-8
Download  SMDA24C-8 Click to download

File Size   246.03 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description USB 2.0 power and data line

SMDA24C-8 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMDA24C-8 Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 24V
● Low clamping voltage
● Complies with following standards:
    – IEC 61000-4-2 (ESD) immunity test
        Air discharge: ±15kV
        Contact discharge: ±8kV
    – IEC61000-4-4 (EFT) 40A (5/50ns)
    – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant
   
Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet
   




Similar Part No. - SMDA24C-8

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA24C-8 SEMTECH-SMDA24C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
logo
General Semiconductor
SMDA24C-8 GE-SMDA24C-8 Datasheet
40Kb / 2P
SURFACE MOUNT DIODE ARRAY TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMDA24C-8 MICROSEMI-SMDA24C-8 Datasheet
227Kb / 2P
TVSarray Series
logo
Semtech Corporation
SMDA24C-8 SEMTECH-SMDA24C-8 Datasheet
165Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines
logo
Socay Electornics Co., ...
SMDA24C-8 SOCAY-SMDA24C-8 Datasheet
269Kb / 3P
Transient Voltage Suppressors Array for ESD Protection
More results


Similar Description - SMDA24C-8

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
USB 2.0 power and data line
ESDA3.3CW-4 LEIDITECH-ESDA3.3CW-4 Datasheet
125Kb / 3P
USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
USB 2.0 power and data line
LC0504F LEIDITECH-LC0504F Datasheet
129Kb / 3P
USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
USB 2.0 power and data line
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
USB 2.0 power and data line
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com