Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2611 Datasheet (PDF) - List of Unclassifed Manufacturers

C2611 Datasheet PDF - List of Unclassifed Manufacturers
Part # C2611
Download  C2611 Download
File Size   852.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-251 Plastic-Encapsulate Transistors

C2611 Datasheet (PDF)

Go To PDF Page Download Datasheet
C2611 Datasheet PDF - List of Unclassifed Manufacturers

Part # C2611
Download  C2611 Click to download

File Size   852.9 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TO-251 Plastic-Encapsulate Transistors

C2611 Datasheet (HTML) - List of Unclassifed Manufacturers


C2611 Product details

TRANSISTOR( NPN )



FEATURES

  Power dissipation 

     PCM : 1 W( Tamb=25℃)

  Collector current

     ICM : 0.2 A

  Collector-base voltage

     V(BR)CBO : 600 V

  Operating and storage junction temperature range

     TJ,Tstg: -55℃ to +150℃



 




Similar Part No. - C2611

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
C2611 JIANGSU-C2611 Datasheet
211Kb / 3P
TRANSISTOR竊?NPN 竊
C2611 JIANGSU-C2611 Datasheet
188Kb / 3P
TRANSISTOR竊?NPN 竊
logo
TRANSYS Electronics Lim...
C2611 TEL-C2611 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
SHENZHEN YONGERJIA INDU...
C2611 WINNERJOIN-C2611 Datasheet
67Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
C2611 JIANGSU-C2611 Datasheet
288Kb / 2P
TRANSISTOR (NPN)
More results


Similar Description - C2611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3DD13002 ETC-3DD13002 Datasheet
51Kb / 1P
TO-251 Plastic-Encapsulate Transistors
logo
Tiger Electronic Co.,Lt...
LM78M05P TGS-LM78M05P Datasheet
127Kb / 2P
TO-251 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1202 JIANGSU-2SB1202 Datasheet
432Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
2SB1412 JIANGSU-2SB1412 Datasheet
458Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
2SD1802 JIANGSU-2SD1802 Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
3DA752 JIANGSU-3DA752 Datasheet
348Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
2SA1700 JIANGSU-2SA1700 Datasheet
766Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
D882M JIANGSU-D882M Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
MJD31C JIANGSU-MJD31C Datasheet
913Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com