Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2A Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

RS2A Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # RS2A
Download  RS2A Download
File Size   47.88 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description GLASS PASSIVATED FAST RECOVERY RECTIFIER

RS2A Datasheet (PDF)

Go To PDF Page Download Datasheet
RS2A Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # RS2A
Download  RS2A Click to download

File Size   47.88 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description GLASS PASSIVATED FAST RECOVERY RECTIFIER

RS2A Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.


RS2A Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current: 2 0 Ampere

FEATURES
• Glass passivated junction
• For Surface Mount Applications, Easy to pick and place
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• High temperature soldering guaranteed:260°C/10 seconds at terminals,
• Component in accordance to RoHS 2011/65/EU




Similar Part No. - RS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
46Kb / 2P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
Fuji Electric
RS2A FUJI-RS2A Datasheet
759Kb / 1P
1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS2A GE-RS2A Datasheet
74Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
393Kb / 3P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
More results


Similar Description - RS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
1N4933G MIC-1N4933G Datasheet
53Kb / 2P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
FR160X HORNBY-FR160X Datasheet
270Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com