Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT640 Datasheet (PDF) - Holtek Semiconductor Inc

HT640 Datasheet PDF - Holtek Semiconductor Inc
Part # HT640
Download  HT640 Download
File Size   155.85 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3(18) Series of Encoders

HT640 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT640 Datasheet PDF - Holtek Semiconductor Inc

Part # HT640
Download  HT640 Click to download

File Size   155.85 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 3(18) Series of Encoders

HT640 Datasheet (HTML) - Holtek Semiconductor Inc


HT640 Product details

General Description

The 318 decoders are a series of CMOS LSIs for remote control system applications. They are

paired with the 318 series of encoders. For proper operation a pair of encoder/decoder pair

with the same number of address and data format should be selected (refer to the encoder/decoder cross reference tables).



Features

• Operating voltage: 2.4V~12V

• Low power and high noise immunity CMOS technology

• Low standby current

• Capable of decoding 18 bits of information

• Pairs with HOLTEK’s 318 series of encoders

• 8~18 address pins

• 0~8 data pins

• Trinary address setting

• Two times of receiving check

• Built-in oscillator needs only a 5% resistor

• Valid transmission indictor

• Easily interface with an RF or an infrared transmission medium

• Minimal external components



Applications

• Burglar alarm system

• Smoke and fire alarm system

• Garage door controllers

• Car door controllers

• Car alarm system

• Security system

• Cordless telephones

• Other remote control systems




Similar Part No. - HT640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT640-S ETC2-HT640-S Datasheet
132Kb / 6P
CMOS LSI for remote control system applications
More results


Similar Description - HT640

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT12A HOLTEK-HT12A Datasheet
141Kb / 13P
Series of Encoders
April 11, 2000
HT600 HOLTEK-HT600 Datasheet
130Kb / 11P
318 Series of Encoders
April 24, 2000
HT6010 HOLTEK-HT6010 Datasheet
121Kb / 11P
312 Series of Encoders
December 13, 1999
HT12A HOLTEK-HT12A_03 Datasheet
165Kb / 14P
212 Series of Encoders
January 24, 2003
HT6010 HOLTEK-HT6010_03 Datasheet
168Kb / 13P
312 Series of Encoders
September 9, 2003
HT600 HOLTEK-HT600_03 Datasheet
168Kb / 15P
318 Series of Encoders
January 24, 2003
logo
Panasonic Semiconductor
EVQ-VEMF0324B PANASONIC-EVQ-VEMF0324B Datasheet
62Kb / 1P
27/18 mm Center Space Encoders
EVQ-WHA50K PANASONIC-EVQ-WHA50K Datasheet
64Kb / 1P
18 mm Square Encoders (High Rotational Torque)
EVQV5 PANASONIC-EVQV5 Datasheet
111Kb / 2P
27/18 mm Center Space Encoders
EVQW PANASONIC-EVQW Datasheet
102Kb / 2P
18 mm Square Encoders (High Rotational Torque)
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com