Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR2060 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

MUR2060 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # MUR2060
Download  MUR2060 Download
File Size   54.7 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description GLASS PASSIVATED SUPER FAST RECTIFIER

MUR2060 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR2060 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # MUR2060
Download  MUR2060 Click to download

File Size   54.7 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description GLASS PASSIVATED SUPER FAST RECTIFIER

MUR2060 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.




Similar Part No. - MUR2060

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
MUR2060 DACHANG-MUR2060 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier Reverse Voltage 100 to 600 V Forward Current 20 A
logo
Kersemi Electronic Co.,...
MUR2060 KERSEMI-MUR2060 Datasheet
873Kb / 2P
Plastic Ultra-Fast Recover Rectifier
logo
Rugao Dachang Electroni...
MUR2060 DACHANG-MUR2060 Datasheet
149Kb / 2P
Plastic Ultra-Fast Recover Rectifier
logo
Foshan Blue Rocket Elec...
MUR2060 FOSHAN-MUR2060 Datasheet
746Kb / 6P
Ultrafast Recovery Diode in a TO-220AC Plastic Package
logo
Shenzhen Luguang Electr...
MUR2060 LUGUANG-MUR2060 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
More results


Similar Description - MUR2060

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com