Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS05C Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

SMS05C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # SMS05C
Download  SMS05C Download
File Size   161.22 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low clamping voltage

SMS05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS05C Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SMS05C
Download  SMS05C Click to download

File Size   161.22 Kbytes
Page   3 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description Low clamping voltage

SMS05C Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


SMS05C Product details

Features
● Ultra low leakage: nA level
● Operating voltage: 5V
● Low clamping voltage
● Complies with following standards:
   – IEC 61000-4-2 (ESD) immunity test
      Air discharge: ±15kV
      Contact discharge: ±8kV
   – IEC61000-4-4 (EFT) 40A (5/50ns)
   – IEC61000-4-5 (Lightning) 12A (8/20μs)
● RoHS Compliant

Applications
● USB 2.0 power and data line
● Set-top box and digital TV
● Digital video interface (DVI)
● Notebook Computers
● SIM Ports
● 10/100 Ethernet




Similar Part No. - SMS05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS05C MICROSEMI-SMS05C Datasheet
186Kb / 2P
4 LINE BIDIRECTIONAL TVSarray
logo
ON Semiconductor
SMS05C ONSEMI-SMS05C Datasheet
112Kb / 6P
5-Line Transient Voltage Suppressor Array
February, 2005 ??Rev. 5
logo
Semtech Corporation
SMS05C SEMTECH-SMS05C Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS05C PROTEC-SMS05C Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
More results


Similar Description - SMS05C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
Low clamping voltage
ESDSLC5V0LB MCC-ESDSLC5V0LB Datasheet
618Kb / 4P
Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
Low clamping voltage
09-Feb-2017
ESDALC5-1BF4 STMICROELECTRONICS-ESDALC5-1BF4 Datasheet
199Kb / 10P
Low clamping voltage
06-Feb-2014
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
Low clamping voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com