Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZRB3011 Datasheet (PDF) - Comchip Technology

CZRB3011 Datasheet PDF - Comchip Technology
Part # CZRB3011
Download  CZRB3011 Download
File Size   153.56 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Zener Diode

CZRB3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
CZRB3011 Datasheet PDF - Comchip Technology

Part # CZRB3011
Download  CZRB3011 Click to download

File Size   153.56 Kbytes
Page   5 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Surface Mount Zener Diode

CZRB3011 Datasheet (HTML) - Comchip Technology


CZRB3011 Product details

Features
- For surf ace mounted applications in order to optimize board space
- Low profile package
- Built-in strain relief
- Glass passivated junction
- Low inductance
- Excellent clamping capability
- Typical ID less than 1uA above 11V
- High temperature soldering 260°C /10 seconds at terminals
- Plastic package has underwriters laboratory flammability classification 94V-O




Similar Part No. - CZRB3011

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
SMD Zener Diode
More results


Similar Description - CZRB3011

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com