Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7930A Datasheet (PDF) - List of Unclassifed Manufacturers

7930A Datasheet PDF - List of Unclassifed Manufacturers
Part # 7930A
Download  7930A Download
File Size   108.0 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation

7930A Datasheet (PDF)

Go To PDF Page Download Datasheet
7930A Datasheet PDF - List of Unclassifed Manufacturers

Part # 7930A
Download  7930A Click to download

File Size   108.0 Kbytes
Page   4 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation

7930A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 7930A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7930A BELDEN-7930A Datasheet
281Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7930A0101000 BELDEN-7930A0101000 Datasheet
281Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
7930A0102000 BELDEN-7930A0102000 Datasheet
281Kb / 3P
DataTuff짰 5e, 4 Pr #24 Str BC, PO Ins, PVC Jkt, CMX-Outdoor CMR
More results


Similar Description - 7930A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344219 ETC2-1344219 Datasheet
99Kb / 3P
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1347824 ETC2-1347824 Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
1347877 ETC2-1347877 Datasheet
99Kb / 3P
24 AWG solid bare copper conductors, twisted pairs, non-plenum, Polyolefin insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
1351272 ETC2-1351272 Datasheet
108Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) tinned copper conductors, polyolefin insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
11700A ETC2-11700A Datasheet
35Kb / 5P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7934A ETC2-7934A Datasheet
110Kb / 4P
24 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com