Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM452T1 Datasheet (PDF) - CT Micro International Corporation

CTM452T1 Datasheet PDF - CT Micro International Corporation
Part # CTM452T1
Download  CTM452T1 Download
File Size   1065.75 Kbytes
Page   12 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler

CTM452T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTM452T1 Datasheet PDF - CT Micro International Corporation

Part # CTM452T1
Download  CTM452T1 Click to download

File Size   1065.75 Kbytes
Page   12 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler

CTM452T1 Datasheet (HTML) - CT Micro International Corporation


CTM452T1 Product details

Description
The CTM452 and CTM453 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor. The devices are packaged in a Mini-Flat package .

Features
• High speed 1Mbit/s
• High isolation voltage between input and output
   (Viso=3750 Vrms )
• Guaranteed CTR performance from 0°C to 70°C
• Wide operating temperature range of -40°C to
   100°C
• Green Package
• Regulatory Approvals
   ■ UL - UL1577 (E364000)
   ■ VDE - EN60747-5-5(VDE0884-5)
   ■ CQC – GB4943.1, GB8898
   ■ IEC60065, IEC60950

Applications
• Line receivers
• Telecommunication equipment
• Feedback loop in switch-mode power supplies
• Home appliances
• High speed logic ground isolation




Similar Part No. - CTM452T1

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTM4F CT-CTM4F Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
CTM4F-112J CT-CTM4F-112J Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
CTM4F-112K CT-CTM4F-112K Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
CTM4F-122J CT-CTM4F-122J Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
CTM4F-122K CT-CTM4F-122K Datasheet
97Kb / 1P
Molded Inductors - Axial
REV 01.25.18
More results


Similar Description - CTM452T1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM453 FAIRCHILD-FODM453 Datasheet
127Kb / 11P
5-PIN MINI FLAT PACKAGE HIGH SPEED TRANSISTOR OPTOCOUPLERS
FODM453 FAIRCHILD-FODM453_07 Datasheet
238Kb / 11P
5-Pin Mini Flat Package High Speed Transistor Optocoupler
FODM453 FAIRCHILD-FODM453_10 Datasheet
366Kb / 14P
5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
Sharp Corporation
PC457L0NIP0F SHARP-PC457L0NIP0F Datasheet
208Kb / 12P
High Speed 1Mb/s, High CMR Mini-flat Package
logo
Fairchild Semiconductor
FODM453R2 FAIRCHILD-FODM453R2 Datasheet
366Kb / 14P
5-Pin Mini Flat Package High Speed Transistor Optocoupler
logo
Sharp Corporation
PC411L0YIP0F SHARP-PC411L0YIP0F Datasheet
205Kb / 13P
High Speed 15Mb/s, High CMR Mini-flat Package OPIC Mini-flat Package ?뾑PIC
logo
CT Micro International ...
CTM600 CTMICRO-CTM600 Datasheet
1Mb / 13P
10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
CTS452 CTMICRO-CTS452 Datasheet
1Mb / 14P
SDIP-6 1 Mbit/s High Speed Transistor Coupler
logo
Everlight Electronics C...
ELM45X EVERLIGHT-ELM45X_13 Datasheet
1,014Kb / 12P
5 PIN SOP HIGH SPEED 1Mbit/s TRANSISTOR PHOTOCOUPLER
May 13, 2013
logo
ON Semiconductor
FODM452 ONSEMI-FODM452 Datasheet
191Kb / 12P
5-Pin Mini Flat Package High Speed Transistor Optocoupler
May, 2022 - Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com