Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK850 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK850 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK850
Download  2SK850 Download
File Size   66.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=40A@ TC=25C

2SK850 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK850 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK850
Download  2SK850 Click to download

File Size   66.1 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=40A@ TC=25C

2SK850 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SK850

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK851 ISC-2SK851 Datasheet
66Kb / 2P
Drain Current ?밒D=30A@ TC=25C
logo
Renesas Technology Corp
2SK852 RENESAS-2SK852 Datasheet
325Kb / 6P
JUNCTION FIELD EFFECT TRANSISTOR
1987
2SK853 RENESAS-2SK853 Datasheet
347Kb / 6P
JNCTION FIELD EFFECT TRANSISTORS
1987
2SK853A RENESAS-2SK853A Datasheet
347Kb / 6P
JNCTION FIELD EFFECT TRANSISTORS
1987
logo
NEC
2SK854 NEC-2SK854 Datasheet
131Kb / 3P
FAST SWITCHING N-CHANNEL SILICON POWER MOS FET
More results


Similar Description - 2SK850

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK849 ISC-2SK849 Datasheet
66Kb / 2P
Drain Current ?밒D=40A@ TC=25C
2SK1526 ISC-2SK1526 Datasheet
67Kb / 2P
Drain Current ?밒D=40A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com