Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1016 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK1016 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK1016
Download  2SK1016 Download
File Size   69.03 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=15A@ TC=25C

2SK1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1016 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK1016
Download  2SK1016 Click to download

File Size   69.03 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=15A@ TC=25C

2SK1016 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SK1016 Product details

DESCRIPTION
• Drain Current –ID=15A@ TC=25℃
• Drain Source Voltage- : VDSS=500V(Min)

APPLICATIONS
• high voltage, high speed power switching




Similar Part No. - 2SK1016

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1016 FUJI-2SK1016 Datasheet
1Mb / 16P
POWER MOSFET
2SK1016-01 FUJI-2SK1016-01 Datasheet
177Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
More results


Similar Description - 2SK1016

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK688 ISC-2SK688 Datasheet
65Kb / 2P
Drain Current ?밒D=15A@ TC=25C
2SK725 ISC-2SK725 Datasheet
58Kb / 2P
Drain Current ?밒D=15A@ TC=25C
2SK922 ISC-2SK922 Datasheet
66Kb / 2P
Drain Current ?밒D= 15A@ TC=25C
2SK1222 ISC-2SK1222 Datasheet
67Kb / 2P
Drain Current ?밒D=15A@ TC=25C
2SK1331 ISC-2SK1331 Datasheet
64Kb / 2P
Drain Current ?밒D=15A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com