Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR300N-F0 Datasheet (PDF) - CT Micro International Corporation

IR300N-F0 Datasheet PDF - CT Micro International Corporation
Part # IR300N-F0
Download  IR300N-F0 Download
File Size   784.73 Kbytes
Page   8 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 3mm Lamp Type 940nm Infrared Emitte

IR300N-F0 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR300N-F0 Datasheet PDF - CT Micro International Corporation

Part # IR300N-F0
Download  IR300N-F0 Click to download

File Size   784.73 Kbytes
Page   8 Pages
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation
Description 3mm Lamp Type 940nm Infrared Emitte

IR300N-F0 Datasheet (HTML) - CT Micro International Corporation




Similar Part No. - IR300N-F0

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
IR300N-D0 CTMICRO-IR300N-D0 Datasheet
788Kb / 8P
3mm Lamp Type 940nm Infrared Emitter
More results


Similar Description - IR300N-F0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4671 AVAGO-ASDL-4671 Datasheet
181Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
ASDL-4670 AVAGO-ASDL-4670 Datasheet
178Kb / 4P
High Performance T-1 (3mm) AlGaAs/GaAs Infrared (940nm) Lamp
logo
List of Unclassifed Man...
QBEC5120 ETC1-QBEC5120 Datasheet
380Kb / 7P
3mm Infrared Lamp
logo
CT Micro International ...
IR300N-D0 CTMICRO-IR300N-D0 Datasheet
788Kb / 8P
3mm Lamp Type 940nm Infrared Emitter
IR500N-C0 CTMICRO-IR500N-C0 Datasheet
785Kb / 8P
5mm Lamp Type 940nm Infrared Emitter
IR500N-D0 CTMICRO-IR500N-D0 Datasheet
783Kb / 8P
5mm Lamp Type 940nm Infrared Emitter
IR500N-E0 CTMICRO-IR500N-E0 Datasheet
672Kb / 8P
5mm Lamp Type 940nm Infrared Emitter
IRC3020N13-B20 CTMICRO-IRC3020N13-B20 Datasheet
768Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3016W24-G0 CTMICRO-IRP3016W24-G0 Datasheet
839Kb / 8P
SMD Type 940nm Infrared Emitter
IRP3216N18-D0 CTMICRO-IRP3216N18-D0 Datasheet
856Kb / 9P
SMD Type 940nm Infrared Emitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com