Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51AC2 Datasheet (PDF) - ATMEL Corporation

T89C51AC2 Datasheet PDF - ATMEL Corporation
Part # T89C51AC2
Download  T89C51AC2 Download
File Size   1340.87 Kbytes
Page   117 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Enhanced 8-bit Microcontroller with 32 KB Flash Memory

T89C51AC2 Datasheet (PDF)

Go To PDF Page Download Datasheet
T89C51AC2 Datasheet PDF - ATMEL Corporation

Part # T89C51AC2
Download  T89C51AC2 Click to download

File Size   1340.87 Kbytes
Page   117 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Enhanced 8-bit Microcontroller with 32 KB Flash Memory

T89C51AC2 Datasheet (HTML) - ATMEL Corporation


T89C51AC2 Product details

Description
The A/T89C51AC2 is a high performance Flash version of the 80C51 single chip 8-bit microcontrollers. It contains a 32 KB Flash memory block for program and data.

Features
• 80C51 Core Architecture
• 256 Bytes of On-chip RAM
• 1 KB of On-chip XRAM
• 32 KB of On-chip Flash Memory
    – Data Retention: 10 Years at 85°C Read/Write Cycle: 10K
• 2 KB of On-chip Flash for Bootloader
• 2 KB of On-chip EEPROM Read/Write Cycle: 100K
• 14-sources 4-level Interrupts
• Three 16-bit Timers/Counters
• Full Duplex UART Compatible 80C51
• Maximum Crystal Frequency 40 MHz, in X2 Mode, 20 MHz (CPU Core, 20 MHz)
• Five Ports: 32 + 2 Digital I/O Lines
• Five-channel 16-bit PCA with:
    – PWM (8-bit)
    – High-speed Output
    – Timer and Edge Capture
• Double Data Pointer
• 21-bit Watchdog Timer (7 Programmable Bits)
• 10-bit Resolution Analog to Digital Converter (ADC) with 8 Multiplexed Inputs
• On-chip Emulation Logic (Enhanced Hook System)
• Power Saving Modes:
    – Idle Mode
    – Power-down Mode
• Power Supply: 3V to 5.5V
• Temperature Range: Industrial (-40° to +85°C)
• Packages: VQFP44, PLCC44




Similar Part No. - T89C51AC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51AC2 ATMEL-T89C51AC2 Datasheet
324Kb / 29P
80C51 Microcontrollers
T89C51AC2 ATMEL-T89C51AC2 Datasheet
440Kb / 117P
8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLSC-M ATMEL-T89C51AC2-RLSC-M Datasheet
440Kb / 117P
8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
T89C51AC2-RLSE-M ATMEL-T89C51AC2-RLSE-M Datasheet
440Kb / 117P
8-bit MCU with 32K bytes Flash, 10 bits A/D and EEPROM
More results


Similar Description - T89C51AC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_08 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
logo
NXP Semiconductors
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com