Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5266B Datasheet (PDF) - Comchip Technology

1N5266B Datasheet PDF - Comchip Technology
Part # 1N5266B
Download  1N5266B Download
File Size   32.83 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 500mw Epitaxial Zener Diode

1N5266B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5266B Datasheet PDF - Comchip Technology

Part # 1N5266B
Download  1N5266B Click to download

File Size   32.83 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 500mw Epitaxial Zener Diode

1N5266B Datasheet (HTML) - Comchip Technology


1N5266B Product details

Nominal Zener Voltage: 2.4 to 75V
Power Dissipation: 0.5W

Features
- 500mW Power Dissipation
- 2.4V - 75V Nominal Zener Voltage
- Low Noise
- Surface Mount Equivalents Available
- Hermetic Package
- VZ - Tolerance 5%




Similar Part No. - 1N5266B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5266B FAIRCHILD-1N5266B Datasheet
85Kb / 3P
Absolute Maximum Ratings
1N5266B FAIRCHILD-1N5266B Datasheet
85Kb / 3P
Zeners
logo
Diodes Incorporated
1N5266B DIODES-1N5266B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Formosa MS
1N5266B FORMOSA-1N5266B Datasheet
94Kb / 3P
Zener diode
logo
Central Semiconductor C...
1N5266B CENTRAL-1N5266B Datasheet
173Kb / 2P
ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
More results


Similar Description - 1N5266B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
TZX2V4 DIODES-TZX2V4 Datasheet
67Kb / 4P
500mW EPITAXIAL PLANAR ZENER DIODE
DS30089 Rev. 1P-5
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
500mW EPITAXIAL ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
500mW ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
500mW EPITAXIAL ZENER DIODE
Rev 17
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
500mW EPITAXIAL ZENER DIODE
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
500mW ZENER DIODE
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com