Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1142 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK1142 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK1142
Download  2SK1142 Download
File Size   66.89 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=2A@ TC=25C

2SK1142 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1142 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK1142
Download  2SK1142 Click to download

File Size   66.89 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=2A@ TC=25C

2SK1142 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SK1142

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1143 ISC-2SK1143 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
logo
Renesas Technology Corp
2SK1149 RENESAS-2SK1149 Datasheet
5Mb / 10P
CHANNEL MOS FIELD EFFECT POWER TRANSISTOR
1993
More results


Similar Description - 2SK1142

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK528 ISC-2SK528 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK858 ISC-2SK858 Datasheet
65Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK958 ISC-2SK958 Datasheet
64Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK959 ISC-2SK959 Datasheet
67Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK1143 ISC-2SK1143 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK1323 ISC-2SK1323 Datasheet
65Kb / 2P
Drain Current ?밒D= 2A@ TC=25C
2SK1324 ISC-2SK1324 Datasheet
65Kb / 2P
Drain Current ?밒D=2A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com