Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1117D Datasheet (PDF) - Anachip Corp

AP1117D Datasheet PDF - Anachip Corp
Part # AP1117D
Download  AP1117D Download
File Size   211.9 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

AP1117D Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1117D Datasheet PDF - Anachip Corp

Part # AP1117D
Download  AP1117D Click to download

File Size   211.9 Kbytes
Page   11 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

AP1117D Datasheet (HTML) - Anachip Corp


AP1117D Product details

General Description
AP1117 is a low dropout positive adjustable or fixed-mode regulator with minimum of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1117 is also well suited for other applications such as VGA cards. AP1117 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 12V input supply.

Features
- 1.4V maximum dropout at full load current
- Fast transient response
- Output current limiting 
- Built-in thermal shutdown
- Packages: SOT223, TO263, TO252, TO220, SOT89
- Good noise rejection 
- 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V,  3.3V, 5.0V




Similar Part No. - AP1117D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117D DIODES-AP1117D Datasheet
185Kb / 11P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117D15G-13 DIODES-AP1117D15G-13 Datasheet
185Kb / 11P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117D15G-U DIODES-AP1117D15G-U Datasheet
185Kb / 11P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117D15L-13 DIODES-AP1117D15L-13 Datasheet
185Kb / 11P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117D15L-U DIODES-AP1117D15L-U Datasheet
185Kb / 11P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results


Similar Description - AP1117D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com