Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7C142-45 Datasheet (PDF) - Cypress Semiconductor

7C142-45 Datasheet PDF - Cypress Semiconductor
Part # 7C142-45
Download  7C142-45 Download
File Size   339.21 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2Kx8 Dual-Port Static RAM

7C142-45 Datasheet (PDF)

Go To PDF Page Download Datasheet
7C142-45 Datasheet PDF - Cypress Semiconductor

Part # 7C142-45
Download  7C142-45 Click to download

File Size   339.21 Kbytes
Page   18 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 2Kx8 Dual-Port Static RAM

7C142-45 Datasheet (HTML) - Cypress Semiconductor


7C142-45 Product details

Functional Description
The CY7C132, CY7C136, CY7C136A, CY7C142, and CY7C146 are high speed CMOS 2K x 8 dual-port static RAMs. Two ports are provided to permit independent access to any location in memory. The CY7C132, CY7C136, and CY7C136A can be used as either a standalone 8-bit dual-port static RAM or as a MASTER dual-port RAM, in conjunction with the CY7C142/CY7C146 SLAVE dual-port device. They are used in systems that require 16-bit or greater word widths. This is the solution to applications that require shared or buffered data, such as cache memory for DSP, bit-slice, or multiprocessor designs.

Features
■ True dual-ported memory cells that enable simultaneous reads of the same memory location
■ 2K x 8 organization
■ 0.65 micron CMOS for optimum speed and power
■ High speed access: 15 ns
■ Low operating power: ICC = 110 mA (maximum)
■ Fully asynchronous operation
■ Automatic power down
■ Master CY7C132/CY7C136/CY7C136A[1] easily expands data bus width to 16 or more bits using slave CY7C142/CY7C146
■ BUSY output flag on CY7C132/CY7C136/CY7C136A; BUSY input on CY7C142/CY7C146
■ INT flag for port to port communication (52-Pin PLCC/PQFP versions)
■ CY7C136, CY7C136A, and CY7C146 available in 52-pin PLCC and 52-pin PQFP packages
■ Pb-free packages available




Similar Part No. - 7C142-45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7C1431818MAB-B ETC2-7C1431818MAB-B Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System - CMOS
7C1431818MAB-B ETC2-7C1431818MAB-B Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System - CMOS
7C1431818MAB-T ETC2-7C1431818MAB-T Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System - CMOS
7C1431818MAB-T ETC2-7C1431818MAB-T Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System - CMOS
7C1431818MAC-B ETC2-7C1431818MAC-B Datasheet
552Kb / 1P
OSCILLATOR Part Numbering System - CMOS
More results


Similar Description - 7C142-45

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
2K x 16 Dual-Port Static RAM
CY7B141 CYPRESS-CY7B141 Datasheet
437Kb / 14P
1Kx8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
1K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70T633 IDT-IDT70T633_17 Datasheet
251Kb / 27P
ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9389 IDT-IDT70V9389_18 Datasheet
251Kb / 19P
SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com