Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1465 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK1465 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK1465
Download  2SK1465 Download
File Size   66.91 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=8A@ TC=25C

2SK1465 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1465 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK1465
Download  2SK1465 Click to download

File Size   66.91 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=8A@ TC=25C

2SK1465 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SK1465 Product details

DESCRIPTION
• Drain Current –ID=8A@ TC=25℃
• Drain Source Voltage- : VDSS=900 (Min)

APPLICATIONS
• Designed especially for high voltage,high speed applications, such as off-line switching power supplies , UPS,AC and DC motor controls,relay and solenoid drivers.




Similar Part No. - 2SK1465

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK1465 SANYO-2SK1465 Datasheet
98Kb / 3P
Very High-Speed Switching Applications
More results


Similar Description - 2SK1465

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
8N80 ISC-8N80 Datasheet
154Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK756 ISC-2SK756 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1039 ISC-2SK1039 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK934 ISC-2SK934 Datasheet
67Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1319 ISC-2SK1319 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1330 ISC-2SK1330 Datasheet
64Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1448 ISC-2SK1448 Datasheet
68Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1451 ISC-2SK1451 Datasheet
69Kb / 2P
Drain Current ?밒D=8A@ TC=25C
2SK1569 ISC-2SK1569 Datasheet
66Kb / 2P
Drain Current ?밒D=8A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com