Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBC12429FN Datasheet (PDF) - ON Semiconductor

NBC12429FN Datasheet PDF - ON Semiconductor
Part # NBC12429FN
Download  NBC12429FN Download
File Size   139.62 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V/5V Programmable PLL Synthesized Clock Generator

NBC12429FN Datasheet (PDF)

Go To PDF Page Download Datasheet
NBC12429FN Datasheet PDF - ON Semiconductor

Part # NBC12429FN
Download  NBC12429FN Click to download

File Size   139.62 Kbytes
Page   20 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3V/5V Programmable PLL Synthesized Clock Generator

NBC12429FN Datasheet (HTML) - ON Semiconductor


NBC12429FN Product details

3.3V/5V Programmable PLL Synthesized Clock Generator
25 MHz to 400 MHz

Description
The NBC12429 and NBC12429A are general purpose, Phase--Lock--Loop (PLL) based synthesized clock sources. The VCO will operate over a frequency range of 200 MHz to 400 MHz. The VCO frequency is sent to the N--output divider, where it can be configured to provide division ratios of 1, 2, 4, or 8. The VCO and output frequency can be programmed using the parallel or serial interfaces to the configuration logic. Output frequency steps of 125 kHz, 250 kHz, 500 kHz, or 1.0 MHz can be achieved using a 16 MHz crystal, depending on the output dividers. The PLL loop filter is fully integrated and does not require any external components.

Features
• Best--in--Class Output Jitter Performance, ±20 ps Peak--to--Peak
• 25 MHz to 400 MHz Programmable Differential PECL Outputs
• Fully Integrated Phase--Lock--Loop with Internal Loop Filter
• Parallel Interface for Programming Counter and Output Dividers
   During Powerup
• Minimal Frequency Overshoot
• Serial 3--Wire Programming Interface
• Crystal Oscillator Interface
• Operating Range: VCC = 3.135 V to 5.25 V
• CMOS and TTL Compatible Control Inputs
• Pin and Function Compatible with Motorola MC12429 and
   MPC9229
• 0°C to 70°C Ambient Operating Temperature (NBC12429)
• --40°C to 85°C Ambient Operating Temperature (NBC12429A)
• Pb--Free Packages are Available




Similar Part No. - NBC12429FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBC12429FN ONSEMI-NBC12429FN Datasheet
353Kb / 21P
3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429FN ONSEMI-NBC12429FN Datasheet
278Kb / 22P
3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12429FNG ONSEMI-NBC12429FNG Datasheet
353Kb / 21P
3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429FNG ONSEMI-NBC12429FNG Datasheet
278Kb / 22P
3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12429FNR2 ONSEMI-NBC12429FNR2 Datasheet
353Kb / 21P
3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
More results


Similar Description - NBC12429FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
logo
Integrated Device Techn...
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
ON Semiconductor
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com