Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9515 Datasheet (PDF) - NXP Semiconductors

PCA9515 Datasheet PDF - NXP Semiconductors
Part # PCA9515
Download  PCA9515 Download
File Size   128.8 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I2C-bus repeater

PCA9515 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9515 Datasheet PDF - NXP Semiconductors

Part # PCA9515
Download  PCA9515 Click to download

File Size   128.8 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description I2C-bus repeater

PCA9515 Datasheet (HTML) - NXP Semiconductors


PCA9515 Product details

DESCRIPTION
The PCA9515 is a BiCMOS integrated circuit intended for application in I2C and SMBus systems.
While retaining all the operating modes and features of the I2C system it permits extension of the I2C-bus by buffering both the data (SDA) and the clock (SCL) lines, thus enabling two buses of 400 pF.

FEATURES
• 2 channel, bi-directional buffer
• I2C-bus and SMBus compatible
• Active-HIGH repeater enable input
• Open-drain input/outputs
• Lock-up free operation
• Supports arbitration and clock stretching across the repeater
• Accommodates standard mode and fast mode I2C devices and multiple masters
• Powered-off high impedance I2C pins
• Operating supply voltage range of 3.0 V to 3.6 V
• 5.5 V tolerant I2C and enable pins
• 0 to 400 kHz clock frequency1
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101.
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA.
• Package offerings: SO and TSSOP




Similar Part No. - PCA9515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
I2C-bus repeater
Rev. 09-23 April 2009
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
I2C-bus repeater
2004 Sep 29
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
I2C-bus repeater
Rev. 04-11 April 2008
PCA9515A NXP-PCA9515A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results


Similar Description - PCA9515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
I2C-bus repeater
2004 Sep 29
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
I2C-bus repeater
Rev. 09-23 April 2009
PCA9515A NXP-PCA9515A Datasheet
112Kb / 18P
I2C-bus repeater
Rev. 04-11 April 2008
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
I2C-bus repeater
Rev. 5-23 March 2012
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
Optically Isolated I2C Bus Repeater
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com