Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1562 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK1562 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK1562
Download  2SK1562 Download
File Size   64.84 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=12A@ TC=25C

2SK1562 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1562 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK1562
Download  2SK1562 Click to download

File Size   64.84 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D=12A@ TC=25C

2SK1562 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SK1562 Product details

DESCRIPTION
• Drain Current –ID=12A@ TC=25℃
• Drain Source Voltage-
   : VDSS=450 (Min)

APPLICATIONS
• Designed for high voltage, high speed power switching
   applications such as switching regulators, converters,
   solenoid and relay drivers.




Similar Part No. - 2SK1562

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK156 SANYO-2SK156 Datasheet
45Kb / 1P
SILICON N-CHANNEL JUNCTION-TYPE FIELD EFFECT TRANSISTOR FOR CONDENSER MICROPHONE IMPEDANCE CONVERSION
logo
Inchange Semiconductor ...
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1564 ISC-2SK1564 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1565 ISC-2SK1565 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
logo
Hitachi Semiconductor
2SK1566 HITACHI-2SK1566 Datasheet
34Kb / 6P
Silicon N-Channel MOS FET
More results


Similar Description - 2SK1562

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N60 ISC-12N60 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK682 ISC-2SK682 Datasheet
65Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1373 ISC-2SK1373 Datasheet
67Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK1449 ISC-2SK1449 Datasheet
68Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1476 ISC-2SK1476 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1571 ISC-2SK1571 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com