Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1603 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SK1603 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SK1603
Download  2SK1603 Download
File Size   62.29 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D= 2.5A@ TC=25C

2SK1603 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1603 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SK1603
Download  2SK1603 Click to download

File Size   62.29 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Drain Current ?밒D= 2.5A@ TC=25C

2SK1603 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SK1603 Product details

DESCRIPTION
• Drain Current –ID= 2.5A@ TC=25℃
• Drain Source Voltage-
   : VDSS=900V(Min)
  
APPLICATIONS
• Designed for high voltage, high speed power switching applications such as switching regulators, converters, solenoid and relay drivers.




Similar Part No. - 2SK1603

ManufacturerPart #DatasheetDescription
logo
NEC
2SK160 NEC-2SK160 Datasheet
143Kb / 4P
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SK160 RENESAS-2SK160 Datasheet
490Kb / 8P
JUNCTION FIELD EFFECT TRANSISTORS
1984
logo
Toshiba Semiconductor
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
logo
Inchange Semiconductor ...
2SK1600 ISC-2SK1600 Datasheet
66Kb / 2P
Drain Current ?밒D= 3A@ TC=25C
2SK1601 ISC-2SK1601 Datasheet
66Kb / 2P
Drain Current ?밒D= 3A@ TC=25C
More results


Similar Description - 2SK1603

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
65N06 ISC-65N06 Datasheet
136Kb / 2P
Drain Current ?밒D=63A@ TC=25C
2SK529 ISC-2SK529 Datasheet
66Kb / 2P
Drain Current ?밒D=2A@ TC=25C
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK635 ISC-2SK635 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK892 ISC-2SK892 Datasheet
65Kb / 2P
Drain Current ?밒D=2.5A@ TC=25C
2SK953 ISC-2SK953 Datasheet
69Kb / 2P
Drain Current ?밒D=2.5A@ TC=25C
2SK1211 ISC-2SK1211 Datasheet
69Kb / 2P
Drain Current ?밒D=2.5A@ TC=25C
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com