Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2221C Datasheet (PDF) - Silicon Touch Technology Inc.

ST2221C Datasheet PDF - Silicon Touch Technology Inc.
Part # ST2221C
Download  ST2221C Download
File Size   217.04 Kbytes
Page   17 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 5V CMOS Compatible Input

ST2221C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2221C Datasheet PDF - Silicon Touch Technology Inc.

Part # ST2221C
Download  ST2221C Click to download

File Size   217.04 Kbytes
Page   17 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 5V CMOS Compatible Input

ST2221C Datasheet (HTML) - Silicon Touch Technology Inc.




Similar Part No. - ST2221C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2221C ETC-ST2221C Datasheet
471Kb / 17P
16 BIT CONSTANT CURRENT LED DRIVERS
More results


Similar Description - ST2221C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
Apr-2004
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
BTS54220-LBA INFINEON-BTS54220-LBA Datasheet
2Mb / 71P
CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54220-LBE INFINEON-BTS54220-LBE Datasheet
2Mb / 72P
CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Silicon Touch Technolog...
DM133 SITI-DM133 Datasheet
271Kb / 20P
CMOS Compatible Input/Output
ST2221A SITI-ST2221A Datasheet
202Kb / 17P
5V CMOS Compatible Input
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
TTL/CMOS Compatible Input (High Active)
logo
Maxim Integrated Produc...
DS21Q352 MAXIM-DS21Q352 Datasheet
167Kb / 13P
Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com