Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWB7122 Datasheet (PDF) - ANADIGICS, Inc

AWB7122 Datasheet PDF - ANADIGICS, Inc
Part # AWB7122
Download  AWB7122 Download
File Size   738.91 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1805 MHz to 1880 MHz Small-Cell Power Amplifier Module

AWB7122 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWB7122 Datasheet PDF - ANADIGICS, Inc

Part # AWB7122
Download  AWB7122 Click to download

File Size   738.91 Kbytes
Page   9 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description 1805 MHz to 1880 MHz Small-Cell Power Amplifier Module

AWB7122 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWB7122

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
AWB7122P7 SKYWORKS-AWB7122P7 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
AWB7122P8 SKYWORKS-AWB7122P8 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
AWB7122P9 SKYWORKS-AWB7122P9 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
More results


Similar Description - AWB7122

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PHM1880-15 MACOM-PHM1880-15 Datasheet
130Kb / 2P
Wireless Power Module, 15W 1805-1880 MHz
logo
SIRENZA MICRODEVICES
XD010-22S-D2F SIRENZA-XD010-22S-D2F Datasheet
215Kb / 5P
1805-1880 MHz Class A/AB 12W Power Amplifier Module
logo
Stealth Microwave, Inc.
SM1819-52LD STEALTH_MICROWAVE-SM1819-52LD Datasheet
150Kb / 3P
1805 - 1880 MHz 160 Watt Power Amplifier
logo
ANADIGICS, Inc
AWB7125 ANADIGICS-AWB7125 Datasheet
593Kb / 9P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
Rev 1.1
AWB7124 ANADIGICS-AWB7124 Datasheet
712Kb / 9P
728 MHz to 768 MHz Small-Cell Power Amplifier Module
Rev 1.2
AWB7129 ANADIGICS-AWB7129 Datasheet
683Kb / 9P
925 MHz to 960 MHz Small-Cell Power Amplifier Module
Rev 1.1
logo
Skyworks Solutions Inc.
SKY66291-11 SKYWORKS-SKY66291-11 Datasheet
1Mb / 14P
1805 to 1880 MHz High-Efficiency 4 W Power Amplifier
AWB7122 SKYWORKS-AWB7122 Datasheet
779Kb / 10P
1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
AWB7125 SKYWORKS-AWB7125 Datasheet
785Kb / 10P
860 MHz to 894 MHz Small-Cell Power Amplifier Module
logo
WALSIN TECHNOLOGY CORPO...
RFBPF1109B301T WALSIN-RFBPF1109B301T Datasheet
568Kb / 7P
1805 ~ 1880 MHz Working Frequency
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com