Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14N05 Datasheet (PDF) - Inchange Semiconductor Company Limited

14N05 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 14N05
Download  14N05 Download
File Size   67.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching

14N05 Datasheet (PDF)

Go To PDF Page Download Datasheet
14N05 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 14N05
Download  14N05 Click to download

File Size   67.31 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Fast Switching

14N05 Datasheet (HTML) - Inchange Semiconductor Company Limited


14N05 Product details

FEATURES
• Drain Current ID= 14A@ TC=25℃
• Drain Source Voltage-
   : VDSS= 50V(Min)
• Static Drain-Source On-Resistance
   : RDS(on) = 0.1Ω(Max)
• Fast Switching

APPLICATIONS
• Switch regulators
• Switching converters motor drivers and relay drivers




Similar Part No. - 14N05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
14N05 VBSEMI-14N05 Datasheet
1Mb / 7P
N-Channel 60 V (D-S) MOSFET
14N05L VBSEMI-14N05L Datasheet
1,002Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - 14N05

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L Datasheet
519Kb / 6P
Fast Switching
logo
Powerex Power Semicondu...
T7SH0140 POWEREX-T7SH0140 Datasheet
1Mb / 4P
Fast Switching
logo
Inchange Semiconductor ...
2N60 ISC-2N60 Datasheet
157Kb / 2P
Fast Switching
20N15 ISC-20N15 Datasheet
49Kb / 2P
Fast Switching
20N45 ISC-20N45 Datasheet
60Kb / 2P
Fast Switching
22N10 ISC-22N10 Datasheet
66Kb / 2P
Fast Switching
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
25N60 ISC-25N60 Datasheet
65Kb / 2P
Fast Switching
30N12 ISC-30N12 Datasheet
49Kb / 2P
Fast Switching
33N10 ISC-33N10 Datasheet
67Kb / 2P
Fast Switching
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com