Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ210C Datasheet (PDF) - Renesas Technology Corp

2SJ210C Datasheet PDF - Renesas Technology Corp
Part # 2SJ210C
Download  2SJ210C Download
File Size   162.68 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-CHANNEL MOSFET FOR SWITCHING

2SJ210C Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ210C Datasheet PDF - Renesas Technology Corp

Part # 2SJ210C
Download  2SJ210C Click to download

File Size   162.68 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description P-CHANNEL MOSFET FOR SWITCHING

2SJ210C Datasheet (HTML) - Renesas Technology Corp


2SJ210C Product details

Description
The 2SJ210C, P-channel vertical type MOSFET designed for general-purpose switch, is a device which can be driven directly by a 4.5 V power source.

Features
● Directly driven by a 4.5 V power source.
● Low on-state resistance
   RDS(on)1 = 2.7  MAX. (VGS = -10 V, ID = -100 mA)
   RDS(on)2 = 3.2  MAX. (VGS = -4.5 V, ID = -50 mA)




Similar Part No. - 2SJ210C

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ210 NEC-2SJ210 Datasheet
365Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
logo
Guangdong Kexin Industr...
2SJ210 KEXIN-2SJ210 Datasheet
42Kb / 1P
MOS Fied Effect Transistor
logo
Renesas Technology Corp
2SJ210 RENESAS-2SJ210 Datasheet
343Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
2SJ210 KEXIN-2SJ210 Datasheet
998Kb / 3P
P-Channel MOSFET
2SJ210-3 KEXIN-2SJ210-3 Datasheet
1Mb / 3P
P-Channel MOSFET
More results


Similar Description - 2SJ210C

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
SWITCHING P-CHANNEL POWER MOSFET
logo
Panasonic Semiconductor
MTM231230L PANASONIC-MTM231230L Datasheet
388Kb / 7P
Silicon P-channel MOSFET For Switching
MTM761230LBF PANASONIC-MTM761230LBF Datasheet
429Kb / 7P
Silicon P-channel MOSFET For Switching
logo
Renesas Technology Corp
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
SWITCHING P-CHANNEL POWER MOSFET
PA2592T1H RENESAS-PA2592T1H_15 Datasheet
324Kb / 13P
N- AND P-CHANNEL MOSFET FOR SWITCHING
2SJ358C RENESAS-2SJ358C Datasheet
209Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
UPA503CT RENESAS-UPA503CT Datasheet
197Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
UPA573CT RENESAS-UPA573CT Datasheet
198Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
UPA603CT RENESAS-UPA603CT Datasheet
197Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
2SJ356C RENESAS-2SJ356C Datasheet
246Kb / 8P
P-CHANNEL MOSFET FOR SWITCHING
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com