Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9229BCP-65 Datasheet (PDF) - Analog Devices

AD9229BCP-65 Datasheet PDF - Analog Devices
Part # AD9229BCP-65
Download  AD9229BCP-65 Download
File Size   471.05 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter

AD9229BCP-65 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9229BCP-65 Datasheet PDF - Analog Devices

Part # AD9229BCP-65
Download  AD9229BCP-65 Click to download

File Size   471.05 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter

AD9229BCP-65 Datasheet (HTML) - Analog Devices


AD9229BCP-65 Product details

GENERAL DESCRIPTION
The AD9229 is a quad, 12-bit, 65 MSPS analog-to-digital converter (ADC) with an on-chip sample-and-hold circuit that is designed for low cost, low power, small size, and ease of use. The product operates at up to a 65 MSPS conversion rate and is optimized for outstanding dynamic performance in applications where a small package size is critical.

FEATURES
   Four ADCs in 1 package
   Serial LVDS digital output data rates
      to 780 Mbps (ANSI-644)
   Data and frame clock outputs
   SNR = 69.5 dB (to Nyquist)
   Excellent linearity
      DNL = ±0.3 LSB (typical)
      INL = ±0.4 LSB (typical)
   400 MHz full power analog bandwidth
   Power dissipation
      1,350 mW at 65 MSPS
      985 mW at 50 MSPS
   1 V p-p to 2 V p-p input voltage range
   3.0 V supply operation
   Power-down mode
   Digital test pattern enable for timing alignments
  
APPLICATIONS
   Digital beam-forming systems for ultrasound
   Wireless and wired broadband communications
   Communication test equipment




Similar Part No. - AD9229BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
AD9229-65EB1 AD-AD9229-65EB1 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229ABCPZ-50 AD-AD9229ABCPZ-50 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9229ABCPZ-50 AD-AD9229ABCPZ-50 Datasheet
785Kb / 41P
Serial, LVDS, 3 V A/D Converter
Rev. B
More results


Similar Description - AD9229BCP-65

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
AD9228 AD-AD9228 Datasheet
1Mb / 52P
Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
4/06-Revision 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9222-65EBZ AD-AD9222-65EBZ Datasheet
2Mb / 60P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9289 AD-AD9289_15 Datasheet
1Mb / 32P
Quad 8-Bit, 65 MSPS, Serial LVDS 3 V A/D Converter
REV. 0
AD9222 AD-AD9222_17 Datasheet
2Mb / 61P
Octal, 12-Bit, 40/50/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com