Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1084 Datasheet (PDF) - Anachip Corp

AP1084 Datasheet PDF - Anachip Corp
Part # AP1084
Download  AP1084 Download
File Size   197.16 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 5A Low Dropout Positive Adjustable or Fixed-Mode Regulator

AP1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1084 Datasheet PDF - Anachip Corp

Part # AP1084
Download  AP1084 Click to download

File Size   197.16 Kbytes
Page   10 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 5A Low Dropout Positive Adjustable or Fixed-Mode Regulator

AP1084 Datasheet (HTML) - Anachip Corp


AP1084 Product details

General Description
AP1084 is a low dropout positive adjustable or fixedmode regulator with minimum of 5.0A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1084 is also well suited for other applications such as VGA cards. AP1084 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 3.3V with 4.7 to 12V input supply.

Features
• 1.4V maximum dropout at full load current
• Built-in thermal shutdown
• Output current limiting
• Adjustable output voltage or fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
• Fast transient response
• Good noise rejection
• Package: TO252, TO263, TO220, PDIP-8




Similar Part No. - AP1084

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
AP1084 DIODES-AP1084 Datasheet
155Kb / 11P
5A LOW DROPOUT POSITIVE ADJUSTABLE
AP1084 Rev. 9
AP1084D DIODES-AP1084D Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084D ANACHIP-AP1084D Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084D15 ANACHIP-AP1084D15 Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Similar Description - AP1084

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084 DIODES-AP1084 Datasheet
166Kb / 10P
5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com