Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9092 Datasheet (PDF) - Dallas Semiconductor

DS9092 Datasheet PDF - Dallas Semiconductor
Part # DS9092
Download  DS9092 Download
File Size   729.1 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature iButton

DS9092 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS9092 Datasheet PDF - Dallas Semiconductor

Part # DS9092
Download  DS9092 Click to download

File Size   729.1 Kbytes
Page   22 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Temperature iButton

DS9092 Datasheet (HTML) - Dallas Semiconductor


DS9092 Product details

iButton DESCRIPTION

The DS1920 Temperature  iButton provides 9-bit temperature readings which indicate the temperature of the device. Information is sent to/from the DS1920 over a 1-Wire interface. Power for reading, writing, and performing temperature conversions is derived from the data line itself. Because each DS1920 contains a unique silicon serial number, multiple DS1920s can exist on the same 1-Wire bus. This allows for placing temperature sensors in many different places. Applications where this feature is useful include HVAC environmental controls, sensing temperatures inside buildings, equipment or machinery, and in process monitoring and control.



SPECIAL FEATURES

Digital thermometer measures temperatures from -55°C to +100°C in typically 0.2 seconds

Zero standby power

0.5°C resolution, digital temperature reading is two’ s complement of °C value

Access to internal counters allows increased resolution through interpolation

Reduces control, address, data, and power to a single data contact

8-bit device-generated CRC for data integrity

8-bit family code specifies DS1920 communications requirements to reader

Special command set allows user to skip ROM section and do temperature measurements simultaneously for all devices on the bus

2 bytes of EEPROM to be used either as alarm triggers or user memory

Alarm search directly indicates which device senses alarming temperatures



 




Similar Part No. - DS9092

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9092 DALLAS-DS9092 Datasheet
72Kb / 12P
RTC iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9092 MAXIM-DS9092 Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9092 MAXIM-DS9092 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
DS9092 MAXIM-DS9092 Datasheet
599Kb / 13P
DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
More results


Similar Description - DS9092

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
Temperature Logger iButton With 8kB Datalog Memory
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1922E MAXIM-DS1922E Datasheet
406Kb / 44P
High-Temperature Logger iButton with 8KB
Rev 1; 10/08
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
DS1411 MAXIM-DS1411_11 Datasheet
58Kb / 2P
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Rev 6/11
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
iButton High-Temperature Logger with 8KB Datalog Memory
2017
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
iButton Temperature Loggers with 8KB Datalog Memory
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com