Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

26MB-A Datasheet (PDF) - Vishay Siliconix

26MB-A Datasheet PDF - Vishay Siliconix
Part # 26MB-A
Download  26MB-A Download
File Size   772.18 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge

26MB-A Datasheet (PDF)

Go To PDF Page Download Datasheet
26MB-A Datasheet PDF - Vishay Siliconix

Part # 26MB-A
Download  26MB-A Click to download

File Size   772.18 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Phase Bridge

26MB-A Datasheet (HTML) - Vishay Siliconix


26MB-A Product details

DESCRIPTION
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applications.

FEATURES
• Universal, 3 way terminals:
   push-on, wrap around or solder
• High thermal conductivity package, electrically
   insulated case
• Center hole fixing
• Excellent power/volume ratio
• Nickel plated terminals solderable using lead (Pb)-free
   solder; solder alloy Sn/Ag/Cu (SAC305); solder
   temperature 260 °C to 275 °C
• UL E300359 approved
• Designed and qualified for industrial and consumer level
• Material categorization: For definitions of compliance
   please see www.vishay.com/doc?99912




Similar Part No. - 26MB-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB-A IRF-26MB-A Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
More results


Similar Description - 26MB-A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
26MB IRF-26MB Datasheet
46Kb / 6P
SINGLE PHASE BRIDGE
GBPC IRF-GBPC Datasheet
131Kb / 6P
SINGLE PHASE BRIDGE
GBPC3512 IRF-GBPC3512 Datasheet
270Kb / 6P
SINGLE PHASE BRIDGE
26MB05A IRF-26MB05A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
36MB160A IRF-36MB160A Datasheet
74Kb / 6P
SINGLE PHASE BRIDGE
logo
Solid States Devices, I...
RA0008 SSDI-RA0008 Datasheet
26Kb / 2P
SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009 Datasheet
58Kb / 2P
SINGLE PHASE BRIDGE
RA0011B SSDI-RA0011B Datasheet
108Kb / 2P
SINGLE PHASE BRIDGE
RA0038D SSDI-RA0038D Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE
RH0237 SSDI-RH0237 Datasheet
27Kb / 2P
SINGLE PHASE BRIDGE
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com