Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS107P Datasheet (PDF) - Diodes Incorporated

BS107P Datasheet PDF - Diodes Incorporated
Part # BS107P
Download  BS107P Download
File Size   658.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Qualified to AEC-Q101 Standards for High Reliability

BS107P Datasheet (PDF)

Go To PDF Page Download Datasheet
BS107P Datasheet PDF - Diodes Incorporated

Part # BS107P
Download  BS107P Click to download

File Size   658.45 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Qualified to AEC-Q101 Standards for High Reliability

BS107P Datasheet (HTML) - Diodes Incorporated


BS107P Product details

Features
• BVDSS > 200V
• RDS(ON) ≤ 23Ω @ VGS= 2.6V
• ID = 120mA Maximum Continuous Drain Current
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BS107P

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BS107P ZETEX-BS107P Datasheet
20Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
List of Unclassifed Man...
BS107P ETC2-BS107P Datasheet
31Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BS107PSTZ ETC2-BS107PSTZ Datasheet
31Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
BS107PT ZETEX-BS107PT Datasheet
50Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
BS107P DIODES-BS107P_15 Datasheet
658Kb / 5P
200V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 3
More results


Similar Description - BS107P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H030LK3 DIODES-DMTH10H030LK3 Datasheet
609Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
DMG7401SFG DIODES-DMG7401SFG Datasheet
269Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 11
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 6
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMNH6012SPSQ DIODES-DMNH6012SPSQ Datasheet
654Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 1
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 7
DMP1080UCB4 DIODES-DMP1080UCB4 Datasheet
428Kb / 6P
Qualified to AEC-Q101 Standards for High Reliability
Rev 5
DMP1100UCB4 DIODES-DMP1100UCB4 Datasheet
392Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMP2006UFG DIODES-DMP2006UFG Datasheet
434Kb / 6P
Qualified to AEC-Q101 standards for High Reliability
Rev 4
DMP2008UFG DIODES-DMP2008UFG Datasheet
261Kb / 6P
Qualified to AEC-Q101 standards for High Reliability
Rev 14
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com