Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1087 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
L1087 Datasheet PDF - National Semiconductor (TI)
Part # L1087
Download  L1087 Download
File Size   117.28 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 800mA fixed and adjustable low dropout linear regulator

L1087 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1087 Datasheet PDF - National Semiconductor (TI)

Part # L1087
Download  L1087 Click to download

File Size   117.28 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 800mA fixed and adjustable low dropout linear regulator

L1087 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - L1087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1087-3.3 ETC-L1087-3.3 Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1087N-3.3 ETC-L1087N-3.3 Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results


Similar Description - L1087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
800mA Low-Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com