Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA47503 Datasheet (PDF) - Sanyo Semicon Device

LA47503 Datasheet PDF - Sanyo Semicon Device
Part # LA47503
Download  LA47503 Download
File Size   218.18 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Output (50-Watt Class) Four-Channel Car Stereo BTL Power Amplifier IC Series

LA47503 Datasheet (PDF)

Go To PDF Page Download Datasheet
LA47503 Datasheet PDF - Sanyo Semicon Device

Part # LA47503
Download  LA47503 Click to download

File Size   218.18 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description High-Output (50-Watt Class) Four-Channel Car Stereo BTL Power Amplifier IC Series

LA47503 Datasheet (HTML) - Sanyo Semicon Device


LA47503 Product details

Overview

The LA47503 is a BTL 4ch (50W×4) power IC for car audio.





Functions

•Maximum output display 48W×4 (VCC= 14.4V, 4Ω, 1kHz, average measurement)

•43W×4 (VCC= 14.4V, 4Ω, 1kHz)

•Equipped an electric mirror noise control pin.

•Built-in mute function.

•Built-in stand-by SW.

•Various types of built-in protection circuits (Air fault, ground fault, load short, over voltage and heat protections)

•GND open ground fault resistance amount 16V.




Similar Part No. - LA47503

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA47501 SANYO-LA47501 Datasheet
220Kb / 3P
BTL4ch(50W횞4)
More results


Similar Description - LA47503

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
BTL output power IC for car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
BTL output power IC for car audio
logo
NXP Semiconductors
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
logo
Sanyo Semicon Device
LA47536 SANYO-LA47536 Datasheet
83Kb / 7P
Four-Channel 45 W BTL Car Audio Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
LA47510 SANYO-LA47510 Datasheet
1Mb / 8P
Monolithic Linear IC BTL (50W횞4) Power IC for Car Stereo Systems
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
BTL output power IC for car audio
logo
ON Semiconductor
LA4708N ONSEMI-LA4708N Datasheet
133Kb / 9P
20W 2-channel BTL AF Power Amplifier for Car Stereo
March, 2014
logo
Sanyo Semicon Device
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com