Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBI5026CP Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5026CP Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5026CP
Download  MBI5026CP Download
File Size   381.79 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5026CP Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5026CP Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5026CP
Download  MBI5026CP Click to download

File Size   381.79 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5026CP Datasheet (HTML) - List of Unclassifed Manufacturers


MBI5026CP Product details

[Macroblock]



Product Description

MBI5026 is designed for LED displays. As an enhancement of its predecessor, MBI5016, MBI5026 exploits PrecisionDrive™ technology to enhance its output characteristics. MBI5026 contains a serial buffer and data latches which convert serial input data into parallel output format. At MBI5026 output stage, sixteen regulated current ports are designed to provide uniform and constant current sinks for driving LEDs within a large range of Vf variations.

MBI5026 provides users with great flexibility and device performance while using MBI5026 in their system design for LED display applications, e.g. LED panels. Users may adjust the output current from 5 mA to 90 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs. MBI5026 guarantees to endure maximum 17V at the output port. The high clock frequency, 25 MHz, also satisfies the system requirements of high volume data transmission.



Features

· 16 constant-current output channels

· Constant output current invariant to load voltage change

· Excellent output current accuracy:

   between channels: ±3% (max.), and

   between ICs: ±6% (max.)

· Output current adjusted through an external resistor

· Constant output current range: 5-90 mA

· Fast response of output current, OE (min.): 200 ns

· 25MHz clock frequency

· Schmitt trigger input

· 5V supply voltage



 




Similar Part No. - MBI5026CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026CP ETC1-MBI5026CP Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5026CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
03-Aug-2004
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
16-bit Constant Current LED Sink Driver
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
Low voltage 16-bit constant current LED sink driver
29-Jan-2013
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
16-BIT CONSTANT CURRENT LED SINK DRIVER
25-Jul-2005
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
16-BIT CONSTANT CURRENT LED SINK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com