Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1014 Datasheet (PDF) - ON Semiconductor

NCP1014 Datasheet PDF - ON Semiconductor
Part # NCP1014
Download  NCP1014 Download
File Size   324.46 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS

NCP1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
NCP1014 Datasheet PDF - ON Semiconductor

Part # NCP1014
Download  NCP1014 Click to download

File Size   324.46 Kbytes
Page   24 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS

NCP1014 Datasheet (HTML) - ON Semiconductor


NCP1014 Product details

The NCP101X series integrates a fixed−frequency current−mode controller and a 700 V MOSFET. Housed in a PDIP−7, PDIP−7 Gull Wing, or SOT−223 package, the NCP101X offers everything needed to build a rugged and low−cost power supply, including soft−start, frequency jittering, short−circuit protection, skip−cycle, a maximum peak current setpoint and a Dynamic Self−Supply (no need for an auxiliary winding).
Unlike other monolithic solutions, the NCP101X is quiet by nature: during nominal load operation, the part switches at one of the available frequencies (65 − 100 − 130 kHz). When the current setpoint falls below a given value, e.g. the output power demand diminishes, the IC automatically enters the so−called skip−cycle mode and provides excellent efficiency at light loads. Because this occurs at typically 1/4 of the maximum peak value, no acoustic noise takes place. As a result, standby power is reduced to the minimum without acoustic noise generation.

Features
• Built−in 700 V MOSFET with Typical RDSon of 11Ω and 22Ω
• Large Creepage Distance Between High−Voltage Pins
• Current−Mode Fixed Frequency Operation: 65 kHz – 100 kHz − 130 kHz
• Skip−Cycle Operation at Low Peak Currents Only: No Acoustic Noise!
• Dynamic Self−Supply, No Need for an Auxiliary Winding
• Internal 1.0 ms Soft−Start
• Latched Overvoltage Protection with Auxiliary Winding Operation
• Frequency Jittering for Better EMI Signature
• Auto−Recovery Internal Output Short−Circuit Protection
• Below 100 mW Standby Power if Auxiliary Winding is Used
• Internal Temperature Shutdown
• Direct Optocoupler Connection
• SPICE Models Available for TRANsient Analysis
• Pb−Free Packages are Available*

Typical Applications
• Low Power AC/DC Adapters for Chargers
• Auxiliary Power Supplies (USB, Appliances, TVs, etc.)




Similar Part No. - NCP1014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
476Kb / 24P
Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1014 ONSEMI-NCP1014 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1014 ONSEMI-NCP1014 Datasheet
739Kb / 6P
Power Factor Controllers
Rev. 7, Sep-2006
NCP1014 ONSEMI-NCP1014 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
NCP1014 ONSEMI-NCP1014 Datasheet
488Kb / 25P
Self-Supplied Monolithic Switcher for Low StandbyPower Offline SMPS
October, 2016 - Rev. 24
More results


Similar Description - NCP1014

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1028 ONSEMI-NCP1028 Datasheet
633Kb / 29P
High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1028 ONSEMI-NCP1028_15 Datasheet
491Kb / 29P
High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 3
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com