Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1326A Datasheet (PDF) - List of Unclassifed Manufacturers

1326A Datasheet PDF - List of Unclassifed Manufacturers
Part # 1326A
Download  1326A Download
File Size   100.79 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation

1326A Datasheet (PDF)

Go To PDF Page Download Datasheet
1326A Datasheet PDF - List of Unclassifed Manufacturers

Part # 1326A
Download  1326A Click to download

File Size   100.79 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 22 AWG stranded (7x30) tinned copper conductors, F-R PVC insulation

1326A Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - 1326A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1326A BELDEN-1326A Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
1326A-0091000 BELDEN-1326A-0091000 Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
1326A-009500 BELDEN-1326A-009500 Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
1326A-009Z1000 BELDEN-1326A-009Z1000 Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
1326A-D151000 BELDEN-1326A-D151000 Datasheet
202Kb / 2P
Security & Sound, 3 Pair 22 AWG BC, Individually Shielded, CMP
12-20-2022
More results


Similar Description - 1326A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344472 ETC2-1344472 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
29467 ETC2-29467 Datasheet
30Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1347092 ETC2-1347092 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1351693 ETC2-1351693 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1691983 ETC2-1691983 Datasheet
104Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
8723 ETC2-8723 Datasheet
103Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation,
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com