Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC7594BA Datasheet (PDF) - IXYS Corporation

CPC7594BA Datasheet PDF - IXYS Corporation
Part # CPC7594BA
Download  CPC7594BA Download
File Size   266.28 Kbytes
Page   20 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TTL Logic Level Inputs for 3.3V Logic Interfaces

CPC7594BA Datasheet (PDF)

Go To PDF Page Download Datasheet
CPC7594BA Datasheet PDF - IXYS Corporation

Part # CPC7594BA
Download  CPC7594BA Click to download

File Size   266.28 Kbytes
Page   20 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description TTL Logic Level Inputs for 3.3V Logic Interfaces

CPC7594BA Datasheet (HTML) - IXYS Corporation


CPC7594BA Product details

Description
The CPC7594 is a member of IXYS Integrated Circuits Division’s next generation Line Card Access Switch family. This monolithic 6-pole solid-state switch is available in a 16-pin SOIC package. It provides the necessary functions to replace two 2-Form-C electro-mechanical relays used on traditional analog and contemporary integrated voice and data (IVD) line cards found in Central Office, Access, and PBX equipment. Because this device contains solid state switches for tip and ring line break, ringing injection/return, and channel test access, it requires only a +5V supply for operation, and TTL logic-level inputs for control.

Features
• TTL Logic Level Inputs for 3.3V Logic Interfaces
• Smart Logic for Power Up / Hot Plug State Control
• Monolithic IC Reliability
• Low Matched RON
• Eliminates the Need for Zero-Cross Switching
• Flexible Switch Timing to Transition from Ringing Mode to Talk Mode.
• Clean, Bounce-Free Switching
• Tertiary Protection Consisting of Integrated Current Limiting, Voltage Clamping, and Thermal Shutdown for SLIC Protection
• 5V Operation with Power Consumption < 10 mW
• Intelligent Battery Monitor
• Latched Logic-Level Inputs, no External Drive Circuitry Required
• Small 16-pin SOIC Package

Applications
• VoIP Gateways
• Central office (CO)
• Digital Loop Carrier (DLC)
• PBX Systems
• Digitally Added Main Line (DAML)
• Hybrid Fiber Coax (HFC)
• Fiber in the Loop (FITL)
• Pair Gain System
• Channel Banks




Similar Part No. - CPC7594BA

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7594BATR CLARE-CPC7594BATR Datasheet
602Kb / 20P
Line Card Access Switch
More results


Similar Description - CPC7594BA

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
TTL logic output
logo
ON Semiconductor
MC74VHC1GT50 ONSEMI-MC74VHC1GT50_07 Datasheet
77Kb / 6P
Noninverting Buffer / CMOS Logic Level Shifter TTL?묬ompatible Inputs
February, 2007 ??Rev. 13
logo
Silikron Semiconductor ...
2N7002K SILIKRON-2N7002K Datasheet
300Kb / 5P
Direct Logic-Level Interface: TTL/CMOS
BSS138 SILIKRON-BSS138 Datasheet
414Kb / 8P
Direct Logic-Level Interface: TTL/CMOS
logo
Bruckewell Technology L...
BSS138 BWTECH-BSS138 Datasheet
586Kb / 4P
Direct Logic-Level Interface: TTL/CMOS
logo
Silicon Supplies
7406 SS-7406 Datasheet
295Kb / 4P
Bipolar TTL Logic
5407 SS-5407 Datasheet
440Kb / 4P
Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
Bipolar TTL Logic
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com