Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR130 Datasheet (PDF) - Diotec Semiconductor

MUR130 Datasheet PDF - Diotec Semiconductor
Part # MUR130
Download  MUR130 Download
File Size   138.49 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Rectifier Diodes

MUR130 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR130 Datasheet PDF - Diotec Semiconductor

Part # MUR130
Download  MUR130 Click to download

File Size   138.49 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Superfast Efficient Rectifier Diodes

MUR130 Datasheet (HTML) - Diotec Semiconductor


MUR130 Product details

Features
   Very low reverse recovery time Low forward voltage drop Compliant to RoHS, REACH, Conflict Minerals 1)

Typical Applications
   Rectification of higher frequencies, High efficient switching stages Commercial grade 1)

Mechanical Data 1)
   Taped in ammo pack 5000
   Weight approx. 0.35 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                        MSL N/A




Similar Part No. - MUR130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MUR130 JGD-MUR130 Datasheet
148Kb / 2P
1.0 AMPS. ULTRA FAST RECTIFIERS
logo
ON Semiconductor
MUR130 ONSEMI-MUR130 Datasheet
79Kb / 6P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 8
MUR130 ONSEMI-MUR130 Datasheet
68Kb / 7P
SWITCHMODE Power Rectifiers
July, 2006 ??Rev. 10
logo
Diotec Semiconductor
MUR130 DIOTEC-MUR130 Datasheet
102Kb / 2P
Superfast Effcient Si-Rectifier Diodes
logo
Galaxy Semi-Conductor H...
MUR130 BILIN-MUR130 Datasheet
57Kb / 3P
SUPER FAST RECTIFIER
More results


Similar Description - MUR130

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ES3A DIOTEC-ES3A_15 Datasheet
143Kb / 2P
Superfast Efficient SMD Rectifier Diodes
MUR420L DIOTEC-MUR420L Datasheet
148Kb / 2P
Superfast Efficient Rectifier Diodes
MUR860 DIOTEC-MUR860 Datasheet
176Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420 DIOTEC-MUR420_16 Datasheet
135Kb / 2P
Superfast Efficient Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA_17 Datasheet
155Kb / 2P
Superfast Efficient SMD Rectifier Diodes
MUR420 DIOTEC-MUR420_17 Datasheet
149Kb / 2P
Superfast Efficient Rectifier Diodes
MUR420L DIOTEC-MUR420L_18 Datasheet
137Kb / 2P
Superfast Efficient Rectifier Diodes
UFT800A DIOTEC-UFT800A_17 Datasheet
168Kb / 2P
Superfast Efficient Rectifier Diodes
UGB8AT DIOTEC-UGB8AT Datasheet
162Kb / 2P
Superfast Efficient SMD Rectifier Diodes
ES1A DIOTEC-ES1A_18 Datasheet
143Kb / 2P
Superfast Efficient SMD Rectifier Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com