Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTA08-600TW Datasheet (PDF) - Inchange Semiconductor Company Limited

BTA08-600TW Datasheet PDF - Inchange Semiconductor Company Limited
Part # BTA08-600TW
Download  BTA08-600TW Download
File Size   107.3 Kbytes
Page   1 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description With TO-220AB insulated package

BTA08-600TW Datasheet (PDF)

Go To PDF Page Download Datasheet
BTA08-600TW Datasheet PDF - Inchange Semiconductor Company Limited

Part # BTA08-600TW
Download  BTA08-600TW Click to download

File Size   107.3 Kbytes
Page   1 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description With TO-220AB insulated package

BTA08-600TW Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - BTA08-600TW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08-600TW STMICROELECTRONICS-BTA08-600TW Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
logo
Kersemi Electronic Co.,...
BTA08-600TW KERSEMI-BTA08-600TW Datasheet
817Kb / 4P
SENSITIVE GATE TRIACS
logo
List of Unclassifed Man...
BTA08-600TW ETC2-BTA08-600TW Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
HAOPIN MICROELECTRONICS...
BTA08-600TW HAOPIN-BTA08-600TW Datasheet
433Kb / 5P
Blocking voltage to 600 V
logo
Shenzhen Luguang Electr...
BTA08-600TW LUGUANG-BTA08-600TW Datasheet
3Mb / 6P
8A SERIES TRIACS
Revision:20240709P1
More results


Similar Description - BTA08-600TW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BTA08-600A ISC-BTA08-600A Datasheet
116Kb / 1P
With TO-220AB insulated package
BTA10-600CW ISC-BTA10-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600BW ISC-BTA12-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600CW ISC-BTA12-600CW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600SW ISC-BTA12-600SW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA12-600TW ISC-BTA12-600TW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
With TO-220AB insulated package
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
With TO-220AB insulated package
BTA06-600C ISC-BTA06-600C Datasheet
116Kb / 1P
With TO-220AB insulated package
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com