Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1757K Datasheet (PDF) - Rohm

2SD1757K Datasheet PDF - Rohm
Part # 2SD1757K
Download  2SD1757K Download
File Size   76.26 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (15V, 0.5A)

2SD1757K Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1757K Datasheet PDF - Rohm

Part # 2SD1757K
Download  2SD1757K Click to download

File Size   76.26 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (15V, 0.5A)

2SD1757K Datasheet (HTML) - Rohm


2SD1757K Product details

Features
1) Low VCE(sat). (Typ.8mV at IC/IB = 10/1mA)
2) Optimal for muting.




Similar Part No. - 2SD1757K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1757K KEXIN-2SD1757K Datasheet
36Kb / 1P
Power Transistor
logo
Shenzhen Jin Yu Semicon...
2SD1757K HTSEMI-2SD1757K Datasheet
751Kb / 2P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SD1757K JIANGSU-2SD1757K Datasheet
604Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SD1757K DGNJDZ-2SD1757K Datasheet
1Mb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
Rohm
2SD1757KT146Q ROHM-2SD1757KT146Q Datasheet
67Kb / 4P
Power Transistor (15V, 0.5A)
More results


Similar Description - 2SD1757K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1782K ROHM-2SD1782K Datasheet
80Kb / 4P
Power Transistor (80V, 0.5A)
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
Power Transistor (-15V, -1A)
2SD2568 ROHM-2SD2568 Datasheet
64Kb / 3P
Power Transistor (400V, 0.5A)
2SC5877S ROHM-2SC5877S Datasheet
98Kb / 4P
Power transistor (60V, 0.5A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
Power Transistor (15V, 1A)
logo
Sanyo Semicon Device
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
logo
Rohm
2SD2444K ROHM-2SD2444K_1 Datasheet
74Kb / 3P
Power Transistor (15V, 1A)
2SD1782KT146R ROHM-2SD1782KT146R Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
2SD1757KT146Q ROHM-2SD1757KT146Q Datasheet
67Kb / 4P
Power Transistor (15V, 0.5A)
2SD1782K ROHM-2SD1782K Datasheet
67Kb / 4P
Power Transistor (80V, 0.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com