Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1690 Datasheet (PDF) - Rohm

2SB1690 Datasheet PDF - Rohm
Part # 2SB1690
Download  2SB1690 Download
File Size   75.4 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose amplification(-12V, -2A)

2SB1690 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1690 Datasheet PDF - Rohm

Part # 2SB1690
Download  2SB1690 Click to download

File Size   75.4 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose amplification(-12V, -2A)

2SB1690 Datasheet (HTML) - Rohm


2SB1690 Product details

Features

1) Acollector current is large.

2) Collector saturation voltage is low.

   VCE(sat) : max. −180mV

  at IC= −1A/ IB= −50mA



Applications

Low frequency amplifier

Deiver

 




Similar Part No. - 2SB1690

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1690 ROHM-2SB1690 Datasheet
75Kb / 3P
General purpose amplification(−12V, −2A)
2SB1690 ROHM-2SB1690 Datasheet
63Kb / 3P
General purpose amplification(??2V, ??A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
General purpose amplification (-12V, -2A)
2SB1690 ROHM-2SB1690_05 Datasheet
63Kb / 3P
General purpose amplification(??2V, ??A)
2SB1690 ROHM-2SB1690_1 Datasheet
75Kb / 3P
General purpose amplification(−12V, −2A)
More results


Similar Description - 2SB1690

ManufacturerPart #DatasheetDescription
logo
Rohm
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2674 ROHM-2SD2674 Datasheet
70Kb / 3P
General purpose amplification (12V, 1.5A)
2SB1689 ROHM-2SB1689 Datasheet
75Kb / 3P
General purpose amplification (-12V, -1.5A)
2SB1690K ROHM-2SB1690K Datasheet
68Kb / 3P
General purpose amplification (-12V, -2A)
2SB1730 ROHM-2SB1730 Datasheet
68Kb / 3P
General purpose amplification(-12V, -2A)
2SD2702 ROHM-2SD2702 Datasheet
68Kb / 3P
General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7 Datasheet
68Kb / 3P
General purpose amplification (12V, 1.5A)
2SD2702 ROHM-2SD2702_1 Datasheet
75Kb / 3P
General purpose amplification (12V, 1.5A)
US6X7 ROHM-US6X7_1 Datasheet
75Kb / 3P
General purpose amplification (12V, 1.5A)
QST2TR ROHM-QST2TR Datasheet
60Kb / 3P
General purpose amplification (-12V, -3A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com