Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1235A Datasheet (PDF) - List of Unclassifed Manufacturers

2SA1235A Datasheet PDF - List of Unclassifed Manufacturers
Part # 2SA1235A
Download  2SA1235A Download
File Size   313.35 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PNP TRANSISTOR

2SA1235A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1235A Datasheet PDF - List of Unclassifed Manufacturers

Part # 2SA1235A
Download  2SA1235A Click to download

File Size   313.35 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PNP TRANSISTOR

2SA1235A Datasheet (HTML) - List of Unclassifed Manufacturers


2SA1235A Product details

[DONG GUAN SHI HUA YUAN ELECTRON CO.,LTD.]

TRANSISTOR( PNP )

FEATURES
    Power dissipation
       PCM: 0.2 W(Tamb=25℃)
    Collector current
       ICM: -0.2 A
    Collector-base voltage
       V (BR) CBO: -60 V
    Operating and storage junction temperature range
       TJ,Tstg: -55℃ to +150℃




Similar Part No. - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA1235A BILIN-2SA1235A Datasheet
135Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Isahaya Electronics Cor...
2SA1235A ISAHAYA-2SA1235A Datasheet
180Kb / 5P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE(Super mini type)
logo
Rectron Semiconductor
2SA1235A RECTRON-2SA1235A Datasheet
295Kb / 2P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
logo
SeCoS Halbleitertechnol...
2SA1235A SECOS-2SA1235A Datasheet
109Kb / 1P
PNP Silicon Plastic Encapsulated Transistor
More results


Similar Description - 2SA1235A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
DUAL TRANSISTOR (PNPPNP)
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
DUAL TRANSISTOR (PNPPNP)
logo
Rectron Semiconductor
MMDT3906 RECTRON-MMDT3906 Datasheet
262Kb / 5P
DUAL TRANSISTOR (PNPPNP)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com